PART |
Description |
Maker |
501953-0397 501953-0417 501953-0497 501953-0507 50 |
1.0 WIRE TO BOARD CONN. WAFER ASSY 1-ROW R/A POSI-LOCK
|
Molex Electronics Ltd.
|
10-63-1039 10-63-1079 10-63-1049 |
5.08MM 3CKT KK WAFER ASSY 528503A 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 5.08SPOX ST FR/LC HDR 7CK 528507A 5.08MM 4CKT KK WAFER ASSY 528504A
|
Molex, Inc. MOLEX INC
|
D2864-01 D2808-21 D2824-21 D2922-01 D2808-01 D2818 |
2.54mm Pitch Dual Row PC Tail IC Socket Assembly, gold clip tin/lead shell, 64-way DIP24, IC SOCKET 2.54mm Pitch Dual Row PC Tail IC Socket Assembly, gold-flash clip tin/lead shell, 8-way DIP48, IC SOCKET 2.54mm Pitch Dual Row PC Tail IC Socket Assembly, gold-flash clip tin/lead shell, 24-way DIP24, IC SOCKET 2.54mm Pitch Dual Row PC Tail IC Socket Assembly, gold clip tin/lead shell, 22-way DIP22, IC SOCKET 2.54mm Pitch Dual Row PC Tail IC Socket Assembly, gold clip tin/lead shell, 8-way DIP48, IC SOCKET 2.54mm Pitch Dual Row PC Tail IC Socket Assembly, gold clip tin/lead shell, 18-way DIP18, IC SOCKET 2.54mm Pitch Dual Row PC Tail IC Socket Assembly, gold clip tin/lead shell, 20-way DIP40, IC SOCKET 2.54mm Pitch Dual Row PC Tail IC Socket Assembly, gold-flash clip tin/lead shell, 32-way DIP32, IC SOCKET
|
Harwin PLC
|
0741620040 74162-0040 74162-1030 |
2.54mm (.100) Pitch C-Grid? Receptacle, Right Angle, Through Hole, Dual Row,Shrouded, Version B, High-Temperature, 30 Circuits, Tin (Sn) 2.54mm (.100) Pitch C-Grid Receptacle, Right Angle, Through Hole, Dual Row, Shrouded MOLEX Connector
|
Molex Electronics Ltd.
|
90148-1130 0901481130 |
2.54mm (.100) Pitch C-Grid庐 PC Board Connector, Single Row, Right Angle, 1.0渭m (40渭) Tin (Sn), 30 Circuits 2.54mm (.100) Pitch C-Grid? PC Board Connector, Single Row, Right Angle, 1.0μm (40μ) Tin (Sn), 30 Circuits
|
Molex Electronics Ltd.
|
15-44-5172 |
2.54mm (.100) Pitch C-Grid? Receptacle, Through Hole, Dual Row 2.54mm (.100") Pitch C-Grid垄莽 Receptacle, Through Hole, Dual Row
|
Molex Electronics Ltd.
|
70280-0068 A-70280-0068 0010897562 010-89-7562 |
2.54mm (.100) Pitch C-Grid? Breakaway Header, Dual Row, Vertical, High Temperature, 56 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating 2.54mm (.100") Pitch C-Grid庐 Breakaway Header, Dual Row, Vertical, High Temperature, 56 Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating 2.54mm (.100") Pitch C-Grid垄莽 Breakaway Header, Dual Row, Vertical, High Temperature, 56 Circuits, 0.38楼矛m (15楼矛") Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
90148-1116 0901481116 |
2.54mm (.100) Pitch C-Grid庐 PC Board Connector, Single Row, Right Angle, 0.8渭m (30渭) Gold (Au) Selective, 16 Circuits 2.54mm (.100) Pitch C-Grid? PC Board Connector, Single Row, Right Angle, 0.8μm (30μ) Gold (Au) Selective, 16 Circuits
|
Molex Electronics Ltd.
|
0901200843 90120-0843 |
2.54mm (.100) Pitch C-Grid III Header, Single Row, Vertical, 3 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating 2.54mm (.100) Pitch C-Grid III垄芒 Header, Single Row, Vertical, 3 Circuits, 0.76楼矛m (30楼矛) Gold (Au) Selective Plating MOLEX Connector
|
Molex Electronics Ltd.
|
99-99-0995 99-99-0990 99-99-0994 99-99-0996 |
11CKT 2.5MM L/P WAFER ASY 526711AX 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 6CKT 2.5MM L/P WAFER ASY 526706AX 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10CKT 2.5MM L/P WAFER ASY 526710AX 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12CKT 2.5MM L/P WAFER ASY 526712AX 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
|